Part Number Hot Search : 
2LATD31 BCM2050 MA2Z379 SMA5118 78L15 TC322 C2012X5R J1011
Product Description
Full Text Search
 

To Download 2N546006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5460, 2N5461, 2N5462 JFET Amplifier
P-Channel - Depletion
Features
* Pb-Free Packages are Available*
MAXIMUM RATINGS
Rating Drain - Gate Voltage Reverse Gate - Source Voltage Forward Gate Current Total Device Dissipation @ TA = 25C Derate above 25C Junction Temperature Range Storage Channel Temperature Range Symbol VDG VGSR IG(f) PD TJ Tstg Value 40 40 10 350 2.8 -65 to +135 -65 to +150 Unit Vdc Vdc mAdc mW mW/C C C
http://onsemi.com
2 DRAIN
3 GATE
1 SOURCE
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 12 3
TO-92 CASE 29 STYLE 7
MARKING DIAGRAM
2N 546x AYWWG G
2N546x = Device Code x = 0, 1, or 2 A = Assembly Location Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
1
March, 2006 - Rev. 5
Publication Order Number: 2N5460/D
2N5460, 2N5461, 2N5462
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Gate -Source Breakdown Voltage (IG = 10 mAdc, VDS = 0) Gate Reverse Current (VGS = 20 Vdc, VDS = 0) (VGS = 30 Vdc, VDS = 0) (VGS = 20 Vdc, VDS = 0, TA = 100C) (VGS = 30 Vdc, VDS = 0, TA = 100C) Gate -Source Cutoff Voltage (VDS = 15 Vdc, ID = 1.0 mAdc) Gate -Source Voltage (VDS = 15 Vdc, ID = 0.1 mAdc) (VDS = 15 Vdc, ID = 0.2 mAdc) (VDS = 15 Vdc, ID = 0.4 mAdc) ON CHARACTERISTICS Zero -Gate -Voltage Drain Current (VDS = 15 Vdc, VGS = 0, f = 1.0 kHz) SMALL-SIGNAL CHARACTERISTICS Forward Transfer Admittance (VDS = 15 Vdc, VGS = 0, f = 1.0 kHz) Output Admittance (VDS = 15 Vdc, VGS = 0, f = 1.0 kHz) Input Capacitance (VDS = 15 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 15 Vdc, VGS = 0, f = 1.0 MHz) FUNCTIONAL CHARACTERISTICS Equivalent Short-Circuit Input Noise Voltage (VDS = 15 Vdc, VGS = 0, f = 100 Hz, BW = 1.0 Hz) en - 60 115 nV Hz 2N5460 2N5461 2N5462 yfs 1000 1500 2000 - - - - - - - 5.0 1.0 4000 5000 6000 75 7.0 2.0 mmhos 2N5460 2N5461 2N5462 IDSS -1.0 -2.0 -4.0 - - - -5.0 -9.0 -16 mAdc V(BR)GSS 2N5460, 2N5461, 2N5462 IGSS 2N5460, 2N5461, 2N5462 2N5460, 2N5461, 2N5462 2N5460 2N5461 2N5462 2N5460 2N5461 2N5462 VGS(off) - - 0.75 1.0 1.8 0.5 0.8 1.5 - - - - - - - - 5.0 1.0 6.0 7.5 9.0 4.0 4.5 6.0 nAdc mAdc Vdc 40 - - Vdc Symbol Min Typ Max Unit
VGS
Vdc
yos Ciss Crss
mmhos pF pF
ORDERING INFORMATION
Device 2N5460 2N5460G 2N5461 2N5461G 2N5461RLRA 2N5461RLRAG 2N5462 2N5462G Package TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) 1000 Units / Box 2000 / Tape & Reel 1000 Units / Box Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
2N5460, 2N5461, 2N5462
DRAIN CURRENT versus GATE SOURCE VOLTAGE
4.0 3.5 I D, DRAIN CURRENT (mA) 3.0 2.5 2.0 1.5 1.0 0.5 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 VGS, GATE-SOURCE VOLTAGE (VOLTS) 1.8 2.0 TA = -55C 25C 125C Yfs FORWARD TRANSFER ADMITTANCE (m mhos) VDS = 15 V 4000 3000 2000
FORWARD TRANSFER ADMITTANCE versus DRAIN CURRENT
1000 700 500 300 200 0.2 0.3 0.5 0.7 1.0 ID, DRAIN CURRENT (mA) VDS = 15 V f = 1.0 kHz 2.0 3.0 4.0
Figure 1. VGS(off) = 2.0 V
Yfs FORWARD TRANSFER ADMITTANCE (m mhos)
Figure 4. VGS(off) = 2.0 V
10 9.0 I D, DRAIN CURRENT (mA) 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 0.5 1.0 1.5 2.0 2.5 3.0 VGS, GATE-SOURCE VOLTAGE (VOLTS) 3.5 4.0 TA = -55C 25C 125C VDS = 15 V
10000 7000 5000 3000 2000
1000 700 500 0.5 0.7 1.0 2.0 3.0 ID, DRAIN CURRENT (mA) 5.0 VDS = 15 V f = 1.0 kHz 7.0
Figure 2. VGS(off) = 4.0 V
Yfs FORWARD TRANSFER ADMITTANCE (m mhos)
Figure 5. VGS(off) = 4.0 V
16 14 I D, DRAIN CURRENT (mA) 12 10 8.0 6.0 4.0 2.0 0 0 1.0 TA = -55C 25C 125C
VDS = 15 V
10000 7000 5000 3000 2000
1000 700 500 0.5 0.7 1.0 2.0 3.0 ID, DRAIN CURRENT (mA) VDS = 15 V f = 1.0 kHz 5.0 7.0 10
2.0 3.0 4.0 5.0 6.0 VGS, GATE-SOURCE VOLTAGE (VOLTS)
7.0
8.0
Figure 3. VGS(off) = 5.0 V
Figure 6. VGS(off) = 5.0 V
http://onsemi.com
3
2N5460, 2N5461, 2N5462
1000 700 500 300 200 100 70 50 30 20 10 0.1 0.2 0.5 1.0 2.0 ID, DRAIN CURRENT (mA) 5.0 10 6.0 mA 10 mA IDSS = 3.0 mA 10 VDS = 15 V f = 1.0 kHz C, CAPACITANCE (pF) 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 Coss Crss 10 20 30 VDS, DRAIN-SOURCE VOLTAGE (VOLTS) 40 Ciss f = 1.0 MHz VGS = 0
r oss , OUTPUT RESISTANCE (k ohms)
Figure 7. Output Resistance versus Drain Current
Figure 8. Capacitance versus Drain-Source Voltage
10 9.0 NF, NOISE FIGURE (dB) 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 1.0 10 100 1000 RS, SOURCE RESISTANCE (k Ohms) 10,000 VDS = 15 V VGS = 0 f = 100 Hz
Figure 9. Noise Figure versus Source Resistance
vi Crss Ciss ross Coss | yfs | vi
COMMON SOURCE y PARAMETERS FOR FREQUENCIES BELOW 30 MHz yis = jW Ciss yos = jW Cosp * + 1/ross yfs = yfs | yrs = -jW Crss
*Cosp is Coss in parallel with Series Combination of Ciss and Crss.
NOTE: 1. Graphical data is presented for dc conditions. Tabular data is given for pulsed conditions (Pulse Width = 630 ms, Duty Cycle = 10%).
Figure 10. Equivalent Low Frequency Circuit
http://onsemi.com
4
2N5460, 2N5461, 2N5462
PACKAGE DIMENSIONS
TO-92 CASE 29-11 ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
K
XX G H V
1
D J C SECTION X-X N N
DIM A B C D G H J K L N P R V
STYLE 7: PIN 1. SOURCE 2. DRAIN 3. GATE
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
5
2N5460/D


▲Up To Search▲   

 
Price & Availability of 2N546006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X